PART |
Description |
Maker |
MBM29LV400T MBM29LV400B |
CMOS 4M (512K ×8/256K×16) Falsh Memory(512K ×8/256K×16V 电源电压闪速存储器) 的CMOS 4分(12k × 8/256K × 16Falsh存储器(12k × 8/256K × 16位单5V的电源电压闪速存储器
|
Fujitsu Limited Fujitsu, Ltd.
|
A29002V-100 A29002-70 A29002L-70 A29002V-70 A29002 |
110ns 20mA 256K x 8bit CMOS 5.0V-only 70ns 20mA 256K x 8bit CMOS 5.0V-only 100ns 20mA 256K x 8bit CMOS 5.0V-only 120ns 20mA 256K x 8bit CMOS 5.0V-only 150ns 20mA 256K x 8bit CMOS 5.0V-only 90ns 20mA 256K x 8bit CMOS 5.0V-only 55ns 20mA 256K x 8bit CMOS 5.0V-only
|
AMIC Technology
|
GS88136BGD-300I GS88132BT-200 |
512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs 256K X 36 CACHE SRAM, 5 ns, PBGA165 512K x 18, 256K x 32, 256K x 36 9Mb Sync Burst SRAMs 256K X 32 CACHE SRAM, 6.5 ns, PQFP100
|
GSI Technology, Inc.
|
M27C2001-70B6TR M27C2001-12B1 M27C2001-12N6TR M27C |
256K X 8 OTPROM, 70 ns, PDIP32 256K X 8 OTPROM, 120 ns, PDIP32 256K X 8 OTPROM, 120 ns, PDSO32 256K X 8 OTPROM, 80 ns, PDIP32 256K X 8 UVPROM, 80 ns, CDIP32 256K X 8 OTPROM, 120 ns, PQCC32
|
STMICROELECTRONICS
|
M27C400206 M27C4002-90XN6TR M27C4002 M27C4002-10B1 |
4 Mbit (256Kb x16) UV EPROM and OTP EPROM 256K X 16 UVPROM, 70 ns, CDIP40 256K X 16 OTPROM, 150 ns, PQCC44 256K X 16 OTPROM, 200 ns, PDIP40 256K X 16 UVPROM, 150 ns, CDIP40 256K X 16 OTPROM, 120 ns, PQCC44
|
STMICROELECTRONICS[STMicroelectronics]
|
HYB514171BJ-50- Q67100-Q727 Q67100-Q2021 HYB514171 |
256k x 16-Bit Dynamic RAM 256k × 16-Bit Dynamic RAM(256k × 16动RAM) 256k × 16位动态随机存储器56k × 16位动态内存)
|
SIEMENS AG
|
IDT71V416S10PHG IDT71V416S10PHGI IDT71V416S12PHG I |
3.3V 256K x 16 Static RAM Center Pwr & Gnd Pinout 3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) 256K X 16 STANDARD SRAM, 12 ns, PDSO44 3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) 256K X 16 STANDARD SRAM, 15 ns, PBGA48 3.3V CMOS Static RAM 4 Meg (256K x 16-Bit) 256K X 16 STANDARD SRAM, 10 ns, PDSO44
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
AT49F4096-90TI AT49F4096-90TC AT49F4096-90RC AT49F |
Quadruple 2-Input Exclusive-OR Gates 14-SSOP -40 to 85 4 Megabit 256K x 16 5-volt Only CMOS Flash Memory 256K X 16 FLASH 5V PROM, 90 ns, PDSO44 Dual 16-Bit Binary Counters with 3-State Output Registers 20-TSSOP -40 to 85 256K X 16 FLASH 5V PROM, 120 ns, PDSO44
|
Atmel Corp. Atmel, Corp.
|
GS880V37AT-200I GS880V37AT-250 GS880V37AT-250I GS8 |
256K x 36 9Mb Sync Burst SRAMs 256K X 36 CACHE SRAM, 3 ns, PQFP100
|
GSI Technology, Inc. GSI[GSI Technology]
|
29F022B-90 29F022T-12 29F022T-55 29F022T-90 29F022 |
2M-BIT[256K x 8]CMOS FLASH MEMORY 200万位[256K × 8]的CMOS闪存
|
Macronix International Co., Ltd.
|
IS61NP25632 IS61NP25636 IS61NP51218 IS61NP25632-5T |
256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM 512K X 18 ZBT SRAM, 4.2 ns, PBGA119 256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM 512K X 18 ZBT SRAM, 5 ns, PBGA119 256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM 256K X 32 ZBT SRAM, 4.2 ns, PBGA119 256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM 256K X 32 ZBT SRAM, 5 ns, PBGA119 256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM 256K X 32 ZBT SRAM, 5 ns, PQFP100 256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM 256K X 36 ZBT SRAM, 4.2 ns, PQFP100 Quadruple 2-Input Positive-OR Gates 14-SOIC -40 to 85 256K X 36 ZBT SRAM, 5 ns, PQFP100 Quadruple 2-Input Positive-OR Gates 14-SOIC -40 to 85 256K X 36 ZBT SRAM, 5 ns, PBGA119 256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM 256K X 36 ZBT SRAM, 4.2 ns, PBGA119 256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM 512K X 18 ZBT SRAM, 5 ns, PQFP100 256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM 256K X 32 ZBT SRAM, 4.2 ns, PQFP100 256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM 512K X 18 ZBT SRAM, 4.2 ns, PQFP100 256K x 32, 256K x 36 and 512K x 18 PIPELINE NO WAIT STATE BUS SRAM 256K × 3256K × 36和管道为512k × 18编号WAIT状态总线的SRAM
|
Integrated Silicon Solution, Inc. INTEGRATED SILICON SOLUTION INC
|
IS41C16256-60K IS41LV16256-60K IS41C16256-25TI IS4 |
256K x 16 (4-MBIT) DYNAMIC RAM WITH EDO PAGE MODE 256K × 164兆位)的动态与江户页面模式内存
|
Integrated Circuit Solu... Cypress Semiconductor Corp. Integrated Circuit Solution Inc
|
|